PART |
Description |
Maker |
STM32F103R4 STM32F103R6 STM32F103C4 STM32F103C6 ST |
Mainstream Performance line, ARM Cortex-M3 MCU with 32 Kbytes Clash, 72 MHz CPU, motor control, USB and CAN Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB Low-density performance line, ARM-based 32-bit MCU Low-density performance line, ARM-based 32-bit MCU with 16 or32 KB Flash, USB
|
ST Microelectronics STMicroelectronics
|
STM32F103X610 STM32F103X410 |
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers
|
STMicroelectronics
|
STM32F103R4 STM32F103R4T6ATR STM32F103R4T6AXXX STM |
Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, QCC36 Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
|
STMicroelectronics
|
STM32F103ZEH7XXX STM32F103ZEH6XXX STM32F103VET7XXX |
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
|
STMicroelectronics
|
QL8050 QL8150 QL8250 QL8025 QL8325 |
LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
|
ETC[ETC]
|
QL4036 QL4036-2PB256C QL4036-2PQ208M QL4036-1PB256 |
QuickRAM Combining Performance, Density and Embedded RAM(性能、密度和嵌入式相结合的QuickRAM系列) Current sense transformer, RoHS Current sensor, SMT, RoHS Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA QuickRAM Combining Performance, Density and Embedded RAM(?ц????搴??宓??寮??缁????uickRAM绯诲?)
|
QuickLogic Corp. QuickLogic, Corp. Electronic Theatre Controls, Inc.
|
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
STM32F102R6T6XXX STM32F102C6T6AXXX STM32F102C4 STM |
Low-density USB access line, ARM-based 32-bit MCU with 16/32 KB Flash, USB FS interface, 5 timers, ADC & 5 communication interfaces
|
STMicroelectronics
|
QL6250-E-6PS484M QL6250-E-6PT280C QL6250-E-6PQ208I |
FPGA combining performance, density and embedded RAM.
|
QuickLogic
|
QL7100 QL7100_DS |
Combining Performance, Density, and Embedded RAM From old datasheet system
|
quicklogic
|
MAX5864E/D MAX5864ETM MAX5864 |
Quadruple Differential Line Receiver 16-CDIP -55 to 125 Ultra-Low-Power, High-Dynamic- Performance, 22Msps Analog Front End
|
Maxim Integrated Products, Inc.
|